Part Number Hot Search : 
PSEXXXXX EM518 MH110 BA7781 DG508 SBR1060 TA7256 UPG2118
Product Description
Full Text Search
 

To Download TIP105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
DESCRIPTION *With TO-220C package *DARLINGTON *High DC current gain *Low collector saturation voltage *Complement to type TIP100/101/102 APPLICATIONS *For industrial use PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
TIP105/106/107
ABSOLUTE MAXIMUM RATINGS(Tc=25 )
SYMBOL PARAMETER TIP105 VCBO Collector-base voltage TIP106 TIP107 TIP105 VCEO Collector-emitter voltage TIP106 TIP107 VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current-DC Collector current-peak Base current-DC Collector power dissipation Junction temperature Storage temperature TC=25 Ta=25 Open collector Open base Open emitter CONDITIONS VALUE -60 -80 -100 -60 -80 -100 -5 -8 -15 -1 80 2 150 -65~150 V A A A W V V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER TIP105 VCEO(SUS) Collector-emitter sustaining voltage TIP106 TIP107 VCE(sat)-1 VCE(sat)-2 VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage TIP105 ICBO Collector cut-off current TIP106 TIP107 TIP105 ICEO Collector cut-off current TIP106 TIP107 IEBO hFE-1 hFE-2 COB Emitter cut-off current DC current gain DC current gain Output capacitance IC=-3A ,IB=-6mA IC=-8A ,IB=-80mA IC=-8A ; VCE=-4V VCB=-60V, IE=0 VCB=-80V, IE=0 VCB=-100V, IE=0 VCE=-30V, IB=0 VCE=-40V, IB=0 VCE=-50V, IB=0 VEB=-5V; IC=0 IC=-3A ; VCE=-4V IC=-8A ; VCE=-4V IE=0 ; VCB=-10V,f=0.1MHz IC=-30mA, IB=0 CONDITIONS SYMBOL
TIP105/106/107
MIN -60 -80 -100
TYP.
MAX
UNIT
V
-2.0 -2.5 -2.8
V V V
-50
A
-50
A
-2 1000 200 300 20000
mA
pF
2
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
PACKAGE OUTLINE
TIP105/106/107
Fig.2 Outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of TIP105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X